Part Number Hot Search : 
ADG704 MPC9351D 24C1024 C548C LTC1235 PA3020NL AT24C08 R7S01612
Product Description
Full Text Search
 

To Download 2SC5419 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SC5419
Silicon NPN triple diffusion planer type
For low-frequency output amplification
Unit: mm
6.90.1
0.15
1.05 2.50.1 0.05
(1.45) 0.8
0.5 4.50.1
0.7
4.0
s Features
q q q
0.65 max.
1.0 1.0
High collector to emitter voltage VCEO. High transition frequency fT. Allowing supply with the radial taping.
0.2
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*1
(Ta=25C)
Ratings 300 300 7 100 70 1.0 150 -55 ~ +150 1cm2 Unit
0.45-0.05
0.45-0.05
+0.1
+0.1
Symbol VCBO VCEO VEBO ICP IC PC*1 Tj Tstg
2.50.5 1 2
2.50.5 3
V V mA mA W C C
1.20.1 0.65 max. 0.45+0.1 - 0.05
Note: In addition to the lead type shown in the upper figure, the type as shown in the lower figure is also available.
1:Emitter 2:Collector 3:Base MT2 Type Package
Printed circuit board: Copper foil area of thickness of 1.7mm for the collector portion
or more, and the board
2.50.1
V
(HW type)
s Electrical Characteristics
Parameter Collector cutoff current Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICEO VCEO VEBO hFE fT Cob
*1
Conditions VCE = 120V, IB = 0 IC = 100A, IB = 0 IE = 1A, IC = 0 VCE = 10V, IC = 5mA IC = 50mA, IB = 5mA VCB = 10V, IE = -10mA, f = 200MHz VCB = 10V, IE = 0, f = 1MHz
min
typ
max 1
14.50.5
Unit A V V
300 7 30 220 1.2 50 10
VCE(sat)
V MHz pF
*1h
FE
Rank classification
P 30 ~ 100 Q 60 ~ 150 R 100 ~ 220
Rank hFE
1
Transistor
PC -- Ta
2.0 120 Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion. Ta=25C 100 1.8mA 1.6mA 1.4mA 1.2mA 1.0mA 0.8mA 0.6mA 100
2SC5419
IC -- VCE
120 VCE=10V 25C
IC -- VBE
Collector power dissipation PC (W)
Collector current IC (mA)
Collector current IC (mA)
1.6
80
IB=2.0mA
Ta=75C 80
-25C
1.2
60
60
0.8
0.4mA 40 0.2mA
40
0.4
20
20
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
0 0 0.2 0.4 0.6 0.8 1.0 1.2
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
IC -- IB
Collector to emitter saturation voltage VCE(sat) (V)
120 VCE=10V Ta=25C 100 10 3 1
VCE(sat) -- IC
IC/IB=10 1200
IB -- VBE
VCE=10V Ta=25C 1000
Collector current IC (mA)
80
Ta=75C 0.3 0.1 0.03 0.01 0.003 0.001 1 3 10 30 100 300 1000 25C -25C
Base current IB (A)
800
60
600
40
400
20
200
0 0 0.4 0.8 1.2 1.6 2.0 2.4
0 0 0.2 0.4 0.6 0.8 1.0
Base current IB (mA)
Collector current IC (mA)
Base to emitter voltage VBE (V)
hFE -- IC
300 12 Ta=75C 250 25C 200 -25C 150
Cob -- VCB
Collector output capacitance Cob (pF)
VCE=10V f=1MHz IE=0 Ta=25C
Forward current transfer ratio hFE
10
8
6
100
4
50
2
0 1 3 10 30 100 300 1000
0 1 3 10 30 100
Collector current IC (mA)
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SC5419

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X